Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 787 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 787 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 783Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 784Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 785Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 786Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 787Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 788Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 789Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 790Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 791Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 787 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-9
0x2_1218
DATR2—DMA destination attributes register 2
R/W
0x0000_0000
15.3.2.6/15-19
0x2_121C
DAR2—DMA destination address register 2
R/W
0x0000_0000
15.3.2.7/15-21
0x2_1220
BCR2—DMA byte count register 2
R/W
0x0000_0000
15.3.2.8/15-23
0x2_1224
Reserved
—
—
—
0x2_1228
NLNDAR2—DMA next link descriptor address register 2
R/W
0x0000_0000
15.3.2.9/15-23
0x2_122C
–
0x2_1230
Reserved
—
—
—
0x2_1234
CLSDAR2—DMA current list alternate base descriptor
address register 2
R/W
0x0000_0000
15.3.2.10/15-24
0x2_1238
Reserved
—
—
—
0x2_123C
NLSDAR2—DMA next list descriptor address register 2
R/W
0x0000_0000
15.3.2.11/15-25
0x2_1240
SSR2—DMA source stride register 2
R/W
0x0000_0000
15.3.2.12/15-25
0x2_1244
DSR2—DMA destination stride register 2
R/W
0x0000_0000
15.3.2.13/15-26
0x2_1248
–
0x2_127C
Reserved
—
—
—
0x2_1280
MR3—DMA mode register 3
R/W
0x0000_0000
15.3.2.1/15-10
0x2_1284
SR3—DMA status register 3
Special
0x0000_0000
15.3.2.2/15-13
0x2_1288
Reserved
—
—
—
0x2_128C
CLNDAR3—DMA current link descriptor address
register 3
R/W
0x0000_0000
15.3.2.3/15-14
0x2_1290
SATR3—DMA source attributes register 3
R/W
0x0000_0000
15.3.2.4/15-16
0x2_1294
SAR3—DMA source address register 3
R/W
0x0000_0000
15.3.2.5/15-18
0x2_1298
DATR3—DMA destination attributes register 3
R/W
0x0000_0000
15.3.2.6/15-19
0x2_129C
DAR3—DMA destination address register 3
R/W
0x0000_0000
15.3.2.7/15-21
0x2_12A0
BCR3—DMA byte count register 3
R/W
0x0000_0000
15.3.2.8/15-23
0x2_12A4
Reserved
—
—
—
0x2_12A8
NLNDAR3—DMA next link descriptor address register 3
R/W
0x0000_0000
15.3.2.9/15-23
0x2_12AC
–
0x2_12B0
Reserved
—
—
—
0x2_12B4
CLSDAR3—DMA current list alternate base descriptor
address register 3
R/W
0x0000_0000
15.3.2.10/15-24
0x2_12B8
Reserved
—
—
—
0x2_12BC
NLSDAR3—DMA next list descriptor address register 3
R/W
0x0000_0000
15.3.2.11/15-25
0x2_12C0
SSR3—DMA source stride register 3
R/W
0x0000_0000
15.3.2.12/15-25
0x2_12C4
DSR3—DMA destination stride register 3
R/W
0x0000_0000
15.3.2.13/15-26
Table 15-4. DMA Register Summary (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com