Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 786 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 786 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 782Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 783Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 784Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 785Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 786Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 787Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 788Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 789Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 790Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 786 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
15-8
Freescale Semiconductor
DMA Controller
0x2_1134
CLSDAR0—DMA current list alternate base descriptor
address register 0
R/W
0x0000_0000
15.3.2.10/15-24
0x2_1138
Reserved
—
—
—
0x2_113C
NLSDAR0—DMA next list descriptor address register 0
R/W
0x0000_0000
15.3.2.11/15-25
0x2_1140
SSR0—DMA source stride register 0
R/W
0x0000_0000
15.3.2.12/15-25
0x2_1144
DSR0—DMA destination stride register 0
R/W
0x0000_0000
15.3.2.13/15-26
0x2_1148
–
0x2_117C
Reserved
—
—
—
0x2_1180
MR1—DMA mode register 1
R/W
0x0000_0000
15.3.2.1/15-10
0x2_1184
SR1—DMA status register 1
Special
0x0000_0000
15.3.2.2/15-13
0x2_1188
Reserved
—
—
—
0x2_118C
CLNDAR1—DMA current link descriptor address
register 1
R/W
0x0000_0000
15.3.2.3/15-14
0x2_1190
SATR1—DMA source attributes register 1
R/W
0x0000_0000
15.3.2.4/15-16
0x2_1194
SAR1—DMA source address register 1
R/W
0x0000_0000
15.3.2.5/15-18
0x2_1198
DATR1—DMA destination attributes register 1
R/W
0x0000_0000
15.3.2.6/15-19
0x2_119C
DAR1—DMA destination address register 1
R/W
0x0000_0000
15.3.2.7/15-21
0x2_11A0
BCR1—DMA byte count register 1
R/W
0x0000_0000
15.3.2.8/15-23
0x2_11A4
Reserved
—
—
—
0x2_11A8
NLNDAR1—DMA next link descriptor address register 1
R/W
0x0000_0000
15.3.2.9/15-23
0x2_11AC
–
0x2_11B0
Reserved
—
—
—
0x2_11B4
CLSDAR1—DMA current list alternate base descriptor
address register 1
R/W
0x0000_0000
15.3.2.10/15-24
0x2_11B8
Reserved
—
—
—
0x2_11BC
NLSDAR1—DMA next list descriptor address register 1
R/W
0x0000_0000
15.3.2.11/15-25
0x2_11C0
SSR1—DMA source stride register 1
R/W
0x0000_0000
15.3.2.12/15-25
0x2_11C4
DSR1—DMA destination stride register 1
R/W
0x0000_0000
15.3.2.13/15-26
0x2_11C8
–
0x2_11FC
Reserved
—
—
—
0x2_1200
MR2—DMA mode register 2
R/W
0x0000_0000
15.3.2.1/15-10
0x2_1204
SR2—DMA status register 2
Special
0x0000_0000
15.3.2.2/15-13
0x2_1208
Reserved
—
—
—
0x2_120C
CLNDAR2—DMA current link descriptor address
register 2
R/W
0x0000_0000
15.3.2.3/15-14
0x2_1210
SATR2—DMA source attributes register 2
R/W
0x0000_0000
15.3.2.4/15-16
0x2_1214
SAR2—DMA source address register 2
R/W
0x0000_0000
15.3.2.5/15-18
Table 15-4. DMA Register Summary (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com