| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 784 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 784 Page - Freescale Semiconductor, Inc |
|
784 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 15-6 Freescale Semiconductor DMA Controller 15.2.2 Detailed Signal Descriptions Table 15-3 describes the DMA signals. 15.3 Memory Map/Register Definition This section provides a detailed description of all accessible DMA memory and registers. The descriptions include individual bit level descriptions and reset states of each register. Table 15-3. DMA Signals—Detailed Signal Descriptions Signal I/O Description DMA_DREQn DMA request I DMA request. The DMA request signal indicates the start of a DMA transfer or a restart from a paused request. The falling edge of DMA_DREQn causes MRn[CS] to be set, thereby activating the corresponding DMA channel. State Meaning Asserted—Assertion of DMA_DREQn while DMA_DACKn is negated causes a new transfer to start OR resumes a paused transfer if the EMP_EN bit is set. Assertion while DMA_DACKn is asserted results in an illegal condition Negated—Negation while DMA_DACKn is asserted has no effect. Negation before the assertion of DMA_DACKn results in an illegal condition Timing Assertion—Can be asserted asynchronously Negation— Must remain asserted at least until the assertion of the corresponding DMA_DACKn DMA_DACKn O DMA acknowledge. Indicates that a DMA transfer is currently in progress State Meaning Asserted—Indicates that a DMA transfer is currently in progress. Asserted after the assertion of DMA_DREQ to indicate the start of a transfer Negated—Negated after finishing a complete transfer or after entering a paused state if MRn[EMP_EN] is set Timing Assertion—Asynchronous assertion; asserted for more than three system clocks Negation—Asynchronous negation; negated for more than three system clocks DMA_DDONEn O DMA done. Indicates that a DMA transfer is complete. State Meaning Asserted—Indicates transfer completion. SRn[CB] is clear. Note, however, that write data may still be queued at the target interface or in the process of transfer on an external interface. Negated—Indicates that the current transfer is in process Timing Assertion—Always asserts asynchronously after the negation of the final DMA_DACKn to indicate completion of a transfer. For a paused transfer, DMA_DDONEn is asserted asynchronously after the negation of the final DMA_DACKn. Negation—Negated asynchronously after the assertion of DMA_DREQn for the next transfer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |