Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 780 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 780 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 776Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 777Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 778Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 779Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 780Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 781Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 782Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 783Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 784Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 780 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
15-2
Freescale Semiconductor
DMA Controller
transaction chaining. Figure 15-1 is a high-level block diagram of the DMA controller. Operations
such as descriptor fetches and block transfers are initiated by each channel. A channel is selected
by the arbitration logic and information is passed to the source and destination control blocks for
processing. The source and destination blocks generate read and write requests to the address
tenure engine, which manages the DMA master port address interface. After a transaction is
accepted by the master port, control is transferred to the data tenure engine that manages the read
and write data transfers. A channel remains active in the shared resources for the duration of the
data transfer unless the allotted bandwidth per channel is reached.
15.1.3 Features
The DMA controller offers the following features:
•
Four high-speed/high-bandwidth channels accessible by local and remote masters
•
Basic DMA operation modes (direct, simple chaining)
•
Extended DMA operation modes (advanced chaining and stride capability)
•
Cascading descriptor chains
•
Misaligned transfers
•
Programmable bandwidth control between channels
•
Up to 256 bytes for DMA sub-block transfers to maximize performance over the RapidIO
interface
•
Three priority levels supported for source and destination transactions
•
Interrupt on error and completed segment, list, or link
•
Externally-controlled transfer using DMA_DREQ, DMA_DACK, and DMA_DDONE
15.1.4 Modes of Operation
The MPC8540 has two modes of operation: basic and extended. Basic mode is the DMA legacy
mode. It does not support advanced features. Extended mode supports advanced features like
striding and flexible descriptor structures.
These two basic modes allow users to initiate and end DMA transfers in various ways. Table 15-1
summarizes the relationship between the modes and the following features:
•
Direct mode. No descriptors are involved. Software must initialize the required fields as
described in Table 15-2 before starting a transfer.
•
Chaining mode. Software must initialize descriptors in memory and the required fields as
described in Table 15-2 before starting a transfer.
•
Single-write start mode. The DMA process can be started by using a single-write command
to either the descriptor address register in one of the chaining modes or the
source/destination address registers in one of the direct modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com