Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 790 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 790 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 786Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 787Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 788Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 789Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 790Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 791Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 792Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 793Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 794Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 790 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
15-12
Freescale Semiconductor
DMA Controller
20
—
Reserved
21
SRW
Single register write (Direct mode only; reserved for chaining mode.)
0 Normal operation.
1 Enable a write to the source address register to simultaneously set MRn[CS], starting a DMA transfer,
when MRn[CDSM/SWSM] is also set. Setting this bit and clearing CDSM/SWSM causes a write to the
destination address register to simultaneously set MRn[CS], starting a DMA transfer.
22
EOSIE
End-of-segments interrupt enable
0 Do not generate an interrupt at the completion of a data transfer. CLNDARn[EOSIE] overrides this bit
on a link descriptor basis.
1 Generate an interrupt at the completion of a data transfer (That is, SRn[EOSI] is set). This bit overrides
the CLNDARn[EOSIE].
23
EOLNIE
End-of-links interrupt enable
0 Do not generate an interrupt at the completion of a list of DMA transfers.
1 Generate an interrupt at the completion of a list of DMA transfers (That is, NLNDARn[EOLND] is set).
24
EOLSIE
End-of-lists interrupt enable
0 Do not generate an interrupt at the completion of all DMA transfers.
1 Generate an interrupt at the completion of all DMA transfers (That is, NLNDARn[EOLND] and
NLSDARn[EOLSD] are set).
25
EIE
Error interrupt enable
0 Do not generate an interrupt if a programming or transfer error is detected.
1 Generate an interrupt if a programming or transfer error is detected.
26
XFE
Extended features enable
0 Disable the new chaining features.
1 Enable the new chaining features.
27
CDSM/
SWSM
• In chaining mode: Current descriptor start mode/single-write start mode.
• In basic mode (MRn[XFE] is cleared), setting this bit causes a write to the current link descriptor
address register to simultaneously set MRn[CS], starting a DMA transfer.
• In extended chaining mode (MRn[XFE] is set), setting this bit causes a write to the current list
descriptor address register to simultaneously set MRn[CS], starting a DMA transfer.
• In direct mode: Setting this bit and MRn[SRW] causes a write to the source address register to
simultaneously set MRn[CS], starting a DMA transfer. Clearing this bit and setting MRn[SRW] causes
a write to the destination address register to simultaneously set MRn[CS], starting a DMA transfer. This
bit must be cleared when MRn[SRW] is cleared.
28
CA
Channel abort
0No effect.
1 Cause the current transfer to be aborted and SRn[CB] to be cleared if the channel is busy. The channel
remains in the idle state until a new transfer is programmed.
29
CTM
Channel transfer mode
0 Configure the channel in chaining mode.
1 Configure the channel into direct mode. This means that software is responsible for placing all the
required parameters into necessary registers to start the DMA process.
Table 15-5. MRn Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com