Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 793 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 793 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 789Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 790Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 791Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 792Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 793Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 794Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 795Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 796Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 797Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 793 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-15
Figure 15-7. Basic Chaining Mode Flow Chart
After the current descriptor is processed, the current link descriptor address register is loaded from
the next link descriptor address register and NLNDARn[EOLND] in the next link descriptor
address register is examined. If EOLND is zero, the DMA controller reads in the new current link
descriptor for processing. If EOLND is set, the last descriptor of the list was just completed. If
extended chaining mode is not enabled, all DMA transfers are complete and the DMA controller
halts.
If extended chaining mode is enabled, the DMA controller examines the state of
NLSDARn[EOLSD] in the next list descriptor address register. If EOLSD is clear, the controller
loads the contents of the next list descriptor address register into the current list descriptor address
register and reads the new list descriptor from memory. If EOLSD is set, all DMA transfers are
complete and the DMA controller halts.
Software initializes CLNDARn with 1st link descriptor.
1st link descriptor is processed.
Current link descriptor
← Next link descriptor.
NLNDARn[EOLND]
set?
Is
N
Y
N
Extended Chaining
enabled?
Is
Last link descriptor has been processed.
Done — DMA halts.
Y
Is
NLSDARn[EOLSD]
set?
N
Y
CLSDARn
← NLSDARn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com