Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 791 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 791 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 787Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 788Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 789Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 790Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 791Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 792Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 793Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 794Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 795Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 791 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-13
15.3.2.2 Status Registers (SRn)
The status registers, shown in Figure 15-6, report various DMA conditions during and after a
DMA transfer.
Figure 15-6. Status Registers (SRn)
Table 15-6 describes the bits of the SRn.
30
CC
Channel continue. This bit applies only to chaining mode and is cleared by hardware after the first
descriptor read when continuing a transfer. This bit is reserved for external master mode.
0No effect.
1 The DMA transfer restarts the transferring process starting at the current descriptor address.
31
CS
Channel start. This bit is also automatically set by hardware during single-write start mode and external
master start enable mode.
0 Halt the DMA process if channel is busy (SRn[CB] is set). No effect if the channel is not busy.
1 Start the DMA process if channel is not busy (CB is cleared). If the channel was halted (CS = 0 and
CB = 1), the transfer continues from the point at which it was halted.
0
23
24 25 26
27
28
29
30
31
R 0 00 00000000 00000000 0000
0
TE
0CH
PE EOLNI
CB
EOSI EOLSI
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_1104, 0x2_1184, 0x2_1204, 0x2_1284
Table 15-6. SRn Field Descriptions
Bits
Name
Description
0–23
—
Reserved
24
TE
Transfer error (Bit reset, write 1 to clear)
0 No error condition during the DMA transfer.
1 Error condition during the DMA transfer. See Section 15.4.3, “DMA Errors” for additional
information.
25
—
Reserved
26
CH
Channel halted. Cleared automatically by hardware if MRn[CS] is set again for resuming a halted
transfer.
0 Channel is not halted. If software attempts to halt an idle channel (SRn[CB] is cleared), this bit will
remain 0.
1 DMA transfer was successfully halted by software and it can be resumed.
27
PE
Programming error (Bit reset, write 1 to clear)
0 No programming error detected.
1 A programming error is detected that prevents the DMA transfer from occurring.
Table 15-5. MRn Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com