Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 794 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 794 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 790Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 791Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 792Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 793Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 794Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 795Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 796Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 797Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 798Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 794 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
15-16
Freescale Semiconductor
DMA Controller
Figure 15-8 shows CLNDARn.
Figure 15-8. Current Link Descriptor Address Registers (CLNDARn)
Table 15-7 describes the fields of the CLNDARn.
15.3.2.4 Source Attributes Registers (SATRn)
The source attributes registers, shown in Figure 15-9, contain the transaction attributes to be used
for the DMA operation. Stride mode is enabled by setting SATRn[SSME]. Source read transaction
type is specified using the SREADTTYPE field.
ATMU bypass mode is enabled by setting SATRn[SBPATMU]. ATMU bypass mode is only
applicable for accesses to RapidIO. If SBPATMU is set, STRANSINT must be set to RapidIO and
attributes that would otherwise come from the ATMU must be specified in this register. If
SBPATMU is not set, attributes are derived from local access windows and outbound ATMU
registers according to the transaction address.
0
26 27
28
29 30 31
R
CLNDA
0
EOSIE
00
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_110C, 0x2_118C, 0x2_120C, 0x2_128C
Table 15-7. CLNDARn Field Descriptions
Bits
Name
Description
0–26
CLNDA Current link descriptor address. Contains the current descriptor address of the buffer descriptor in
memory. The descriptor must be aligned to a 32-byte boundary.
27
—
Reserved
28
EOSIE
End-of-segment interrupt enable
0 Do not generate an interrupt upon completion of the current DMA transfer for the current link
descriptor.
1 Generate an interrupt upon completion of the current DMA transfer for the current link descriptor.
29–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com