Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 792 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 792 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 788Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 789Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 790Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 791Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 792Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 793Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 794Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 795Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 796Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 792 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
15-14
Freescale Semiconductor
DMA Controller
15.3.2.3 Current Link Descriptor Address Registers (CLNDARn)
Current link descriptor address registers contain the address of the current link descriptor. In basic
chaining mode, shown in Figure 15-7, software must initialize this register to point to the first link
descriptor in memory.
28
EOLNI End-of-links interrupt. After transferring the last block of data in the last link descriptor, if MRn[EOLSIE]
is set, then this bit is set and an interrupt is generated.
(Bit reset, write 1 to clear)
29
CB
Channel busy
0 DMA transfer is finished, an error occurred, or a channel abort occurred.
1 A DMA transfer is currently in progress.
30
EOSI
End-of-segment interrupt. In chaining mode, after finishing a data transfer, if MRn[EOSIE] is set or if
CLNDARn[EOSIE] is set, this bit gets set and an interrupt is generated. In direct mode, if MRn[EOSIE]
is set, this bit gets set and an interrupt is generated.
(Bit reset, write 1 to clear)
31
EOLSI End-of-list interrupt. After transferring the last block of data in the last list descriptor, if MRn[EOLSIE]
is set, then this bit is set and an interrupt is generated.
(Bit reset, write 1 to clear)
Table 15-6. SRn Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com