Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 789 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 789 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 785Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 786Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 787Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 788Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 789Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 790Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 791Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 792Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 793Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 789 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-11
Table 15-5 describes the MRn fields.
Table 15-5. MRn Field Descriptions
Bits
Name
Description
0–3
—
Reserved
4–7
BWC
Bandwidth/pause control. Defined only if multiple channels are executing transfers concurrently or if
MRn[EMP_EN] is set. Determines how many bytes a given channel is allowed to transfer before the DMA
engine switches to the next channel. The DMA channel pauses during this switch if MRn[EMP_EN] is set
for this channel.
0000 1 byte
0001 2 bytes
0010 4 bytes
0011 8 bytes
0100 16 bytes
0101 32 bytes
0110 64 bytes
0111 128 bytes
1000 256 bytes
1001 512 bytes
1010 1024 bytes
1011–1110 Reserved
1111 Disable bandwidth sharing to allow
uninterrupted transfers from each channel.
8–9
—
Reserved
10
EMP_EN External master pause enable. Valid only if MRn[EMS_EN] is set.
0 Disable the channel from being paused by an external master.
1 Enable the channel to be paused by an external master.
11–12
—
Reserved
13
EMS_EN External master start enable. This bit does not apply to single-write start modes (direct or chaining).
0 Disable the channel from being started by an external DMA start pin.
1 Enable the channel to be started by an external DMA start pin, which sets MRn[CS].
14–15
DAHTS
Destination address hold transfer size. Indicates the transfer size used for each transaction while
MRn[DAHE] is set. The byte count register must be in multiples of the size and the destination address
register must be aligned based on the size. The transfer size assigned to MRn[DAHTS] must be equal to
or smaller than that assigned to MRn[BWC] to avoid undefined behavior.
00 1 byte
01 2 bytes
10 4 bytes
11 8 bytes
16–17
SAHTS
Source address hold transfer size. Indicates the transfer size used for each transaction while MRn[SAHE]
is set. The byte count register must be in multiples of the size and the source address register must be
aligned based on the size. The transfer size assigned to MRn[SAHTS] must be equal to or smaller than
that assigned to MRn[BWC] to avoid undefined behavior.
00 1 byte
01 2 bytes
10 4 bytes
11 8 bytes
18
DAHE
Destination address hold enable
0 Disable destination address hold.
1 Enable the DMA controller to hold the destination address of a transfer to the size specified by
MRn[DAHTS]. Hardware only supports aligned transfers for this feature.
19
SAHE
Source address hold enable
0 Disable source address hold.
1 Enable the DMA controller to hold the source address of a transfer to the size specified by
MRn[SAHTS]. Hardware only supports aligned transfers for this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com