Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 797 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 797 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 793Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 794Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 795Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 796Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 797Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 798Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 799Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 800Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 801Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 797 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-19
15.3.2.5.1 Source Address Registers for RapidIO Maintenance Reads
(SARn)
If RapidIO is the source of a transaction, the SARn registers are redefined as shown below. Several
options exist for the packet type that can be specified. A maintenance read is one of many possible
reads. Maintenance packets have an offset instead of an address. Figure 15-11 describes the SARn.
Figure 15-11. Source Address Registers for RapidIO Maintenance Reads (SARn)
Table 15-10 describes the fields of the SARn.
15.3.2.6 Destination Attributes Registers (DATRn)
The destination attributes registers, shown in Figure 15-12, contain the transaction attributes for
the DMA operation. Stride mode is enabled by setting DATRn[DSME]. Destination write
transaction type is specified using the DWRITETTYPE field.
ATMU bypass mode, which is applicable only for accesses to RapidIO, is enabled by setting
DATRn[DBPATMU]. If DBPATMU is set, DTRANSINT must be set to RapidIO and attributes
that would otherwise come from the ATMU must be specified in this register.
If DBPATMU is zero, the target interface is derived from the local access ATMU mapping and the
transaction is obtained from the value specified in DWRITETTYPE using the local address space
category.
Table 15-9. SARn Field Descriptions
Bits
Name
Description
0–31
SAD
Source address. This register contains the source address of the DMA transfer. The contents are
updated after every DMA write operation unless the final stride of a striding operation is less than the
stride size, in which case it remains equal to the address from which the last stride began.
07
8
29 30 31
R
HOP_COUNT
CONFIG_OFFSET
00
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_1114, 0x2_1194, 0x2_1214, 0x2_1294
Table 15-10. SARn Field Descriptions
Bits
Name
Description
0–7
HOP_COUNT
Maintenance packet hop_count as defined by the RapidIO Interconnect Specification 1.2
8–29
CONFIG_OFFSET Maintenance packet word offset as defined by the RapidIO Interconnect Specification 1.2
30–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com