Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 799 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 799 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 795Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 796Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 797Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 798Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 799Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 800Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 801Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 802Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 803Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 799 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-21
15.3.2.7 Destination Address Registers (DARn)
The destination address registers, shown in Figure 15-13, contain the addresses to which the DMA
controller writes data.
In direct mode, if MRn[SRW] is set and MRn[CDSM/SWSM] is cleared, a write to this register
simultaneously sets MRn[CS], starting a DMA transfer. Software must ensure that this is a valid
address.
Figure 15-13. Destination Address Registers (DARn)
12–15
DWRITETTYPE DMA destination transaction type. Reserved values will result in a programming error being
detected and logged in SR[PE].
• Transaction type to run on RapidIO interface in ATMU bypass mode
0000 Reserved
0001 Flush
0010 Reserved
0011 SWRITE for all but last, NWRITE_R for last transaction
0100 NWRITE for all but last, NWRITE_R for last transaction
0101 NWRITE_R
0110 Message of size 8, 16, 32, 64, 128 or 256 bytes. (Other message sizes produce
boundedly undefined behavior.)
0111 MAINTENANCE write
1000–1111Reserved
• Transaction type to run on local address space—Used even in non-ATMU bypass mode
0000–0011Reserved
0100 Write, don’t snoop local processor
0101 Write, snoop local processor
0110 Write, allocate L2 cache line
0111 Write, allocate and lock L2 cache line
1000–1111 Reserved
16–21
—
Reserved
22–31
EDAD
Extended destination address. Applicable only for RapidIO interface with DATRn[DBPATMU]
set. EDAD[0–7] represents the RapidIO target ID. EDAD[8–9] is defined as follows, subject
to the transaction type:
Message: EDAD[8–9] represents the value for the mbox field in the message packet.
Other: EDAD[8–9] represents the two high-order bits of the local device offset.
0
31
R
DAD
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_111C, 0x2_119C, 0x2_121C, 0x2_129C
Table 15-11. DATRn Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com