Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 803 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 803 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 799Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 800Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 801Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 802Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 803Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 804Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 805Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 806Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 807Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 803 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-25
15.3.2.11 Next List Descriptor Address Registers (NLSDARn)
The next list descriptor address register, shown in Figure 15-18, contains the address for the next
list descriptor in memory. If the contents are transferred to the current list descriptor address
register they become effective for the current transfer in extended chaining mode.
Figure 15-18. Next List Descriptor Address Registers (NLSDARn)
Table 15-17 describes the fields of the NLSDARn.
15.3.2.12 Source Stride Registers (SSRn)
The source stride register, shown in Figure 15-19, contains the stride size and distance. Note that
the source stride information is loaded when a new list descriptor is read from memory. Therefore,
the source stride register is applicable for all link descriptors in the new list. Changing the source
stride information for a link requires that a new list be generated.
Figure 15-19. Source Stride Registers (SSRn)
0
26 27
31
R
NLSDA
0000 EOLSD
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_113C, 0x2_11BC, 0x2_123C, 0x2_12BC
Table 15-17. NLSDARn Field Descriptions
Bits
Name
Description
0–26
NLSDA
Next list descriptor address. Contains the next descriptor address of the buffer descriptor in
memory. The descriptor must be aligned on a 32-byte boundary.
27–30
—
Reserved
31
EOLSD
End-of-lists descriptor. This bit is ignored in direct mode.
0 This list descriptor is not the last list descriptor in memory.
1 This list descriptor is the last list descriptor in memory. If this bit is set, then the DMA controller
halts after the last link descriptor transaction is finished.
07
8
19
20
31
R 0 0000
0
0
0
SSS
SSD
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_1140, 0x2_11C0, 0x2_1240, 0x2_12C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com