Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 804 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 804 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 800Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 801Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 802Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 803Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 804Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 805Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 806Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 807Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 808Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 804 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
15-26
Freescale Semiconductor
DMA Controller
Table 15-18 describes the fields of the SSRn.
15.3.2.13 Destination Stride Registers (DSRn)
The destination stride register contains the stride size, and distance. Note that the destination stride
information is loaded when a new list descriptor is read from memory. Therefore, the destination
stride register is applicable for all link descriptors in the new list. Changing the destination stride
information for a link requires that a new list be generated. Figure 15-20 describes the DSRn.
Figure 15-20. Destination Stride Registers (DSRn)
Table 15-19 describes the fields of the DSRn.
15.3.2.14 DMA General Status Register (DGSR)
The DMA general status register combines all of the status bits from each channel into one
register, including the enhanced DMA channel. This register is read-only. Figure 15-21 describes
the DGSR.
Table 15-18. SSRn Field Descriptions
Bits
Name
Description
0–7
—
Reserved
8–19
SSS Source stride size. Number of bytes to transfer before jumping to the next address as specified in the
source stride distance field.
20–31
SSD Source stride distance. The source stride distance in bytes from start byte to start byte.
07
8
19
20
31
R 0 00 00
0
0
0
DSS
DSD
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_1144, 0x2_11C4, 0x2_1244, 0x2_12C4
Table 15-19. DSRn Field Descriptions
Bits
Name
Description
0–7
—
Reserved
8–19
DSS Destination stride size. Number of bytes to transfer before jumping to the next address as specified in
the destination stride distance field.
20–31 DSD Destination stride distance. The destination stride distance in bytes from start byte to start byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com