Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 806 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 806 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 802Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 803Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 804Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 805Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 806Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 807Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 808Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 809Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 810Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 806 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
15-28
Freescale Semiconductor
DMA Controller
15.4 Functional Description
This section describes the function of the the DMA controller.
15.4.1 DMA Channel Operation
All DMA channels support two different modes of operation; a basic mode (MRn[XFE] is cleared)
and an extended mode (MRn[XFE] is set). In both modes, a channel can be activated by clearing
and setting MRn[CS], or via the single-write start mode using MRn[CDSM/SWSM] and
MRn[SRW], or via an external control mode using MRn[ECS_EN].
In basic mode, the channel can be programmed in basic direct mode or basic chaining mode. In
extended mode, the channel can be programmed in extended direct mode or extended chaining
mode. Extended mode provides more capabilities, such as extended descriptor chaining, striding
capabilities, and a more flexible descriptor structure.
16
TE2
Transfer error, Channel 2
0 Normal operation
1 An error condition occurred during the DMA transfer.
17
—
Reserved
18
CH2
Channel halted, Channel 2
19
PE2
Programming error, Channel 2
20
EOLNI2
End-of-links interrupt, Channel 2
21
CB2
Channel busy, Channel 2
22
EOSI2
End-of-segment interrupt, Channel 2
23
EOLSI2
End-of-lists/direct interrupt, Channel 2
24
TE3
Transfer error, Channel 3
0 Normal operation
1 An error condition occurred during the DMA transfer.
25
—
Reserved
26
CH3
Channel halted, Channel 3
27
PE3
Programming error, Channel 3
28
EOLNI3
End-of-links interrupt, Channel 3
29
CB3
Channel busy, Channel 3
30
EOSI3
End-of-segment interrupt, Channel 3
31
EOLSI3
End-of-lists/direct interrupt, Channel 3
Table 15-20. DGSR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com