Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 802 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 802 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 798Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 799Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 800Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 801Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 802Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 803Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 804Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 805Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 806Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 802 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
15-24
Freescale Semiconductor
DMA Controller
15.3.2.10 Current List Descriptor Address Registers (CLSDARn)
The current list descriptor address registers, shown in Figure 15-17, contain the current address of
the list descriptor in memory in extended chaining mode.
In extended chaining mode, software must initialize CLSDARn to point to the first list descriptor
in memory. After finishing the last link descriptor in the current list, the DMA controller loads the
contents of the next list descriptor address register into the current list descriptor address register.
If NLSDARn[EOLSD] in the next list descriptor address register is clear, the DMA controller
reads the new current list descriptor from memory to process that list. If EOLSD in the next list
descriptor address register is set and the last link in the current list is finished all DMA transfers
are complete.
n
Figure 15-17. Current List Descriptor Address Registers (CLSDARn)
Table 15-16 describes the fields of the CLSDARn.
28
NDEOSIE
Next descriptor end-of-segment interrupt enable
0 Do not generate an interrupt if the current DMA transfer for the current descriptor is finished.
1 Generate an interrupt if the current DMA transfer for the current descriptor is finished.
29–30
—
Reserved
31
EOLND
End-of-links descriptor. This bit is ignored in direct mode.
0 This descriptor is not the last link descriptor in memory for this list.
1 This descriptor is the last link descriptor in memory for this list. If this bit is set, the DMA
controller advances to the next list descriptor in memory if NLSDARn[EOLSD] is also set in
extended mode.
0
26 27
31
R
CLSDA
00
000
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_1134, 0x2_11B4, 0x2_1234, 0x2_12B4
Table 15-16. CLSDARn Field Descriptions
Bits
Name
Description
0–26
CLSDA
Current list descriptor address. Contains the current list descriptor address of the buffer descriptor
in memory in extended chaining mode. The descriptor must be aligned to a 32-byte boundary.
27–31
—
Reserved
Table 15-15. NLNDARn Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com