Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 801 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 801 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 797Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 798Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 799Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 800Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 801Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 802Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 803Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 804Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 805Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 801 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-23
15.3.2.8 Byte Count Registers (BCRn)
The byte count register, shown in Figure 15-15, contains the number of bytes to transfer.
Figure 15-15. Byte Count Registers (BCRn)
Table 15-14 describes the fields of the BCRn.
15.3.2.9 Next Link Descriptor Address Registers (NLNDARn)
The next link descriptor address registers, shown in Figure 15-16, contain the address for the next
link descriptor in memory. Contents transferred to the current descriptor address registers become
effective for the current transfer in basic and extended chaining modes.
Figure 15-16. Next Link Descriptor Address Registers (NLNDARn)
Table 15-15 describes the fields of the NLNDARn registers.
05
6
31
R 0000
00
BC
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_1120, 0x2_11A0, 0x2_1220, 0x2_12A0
Table 15-14. BCRn Field Descriptions
Bits Name
Description
0–5
—
Reserved
6–31
BC
Byte count. Contains the number of bytes to transfer. The value in this register is decremented after each
DMA read operation. The maximum transfer size is 226 – 1 Bytes.
0
26
27
28
29 30
31
R
NLNDA
0
NDEOSIE
00
EOLND
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_1128, 0x2_11A8, 0x2_1228, 0x2_12A8
Table 15-15. NLNDARn Field Descriptions
Bits
Name
Description
0–26
NLNDA
Next link descriptor address. Contains the next link descriptor address in memory. The descriptor
must be aligned to a 32-byte boundary.
27
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com