Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 842 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 842 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 838Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 839Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 840Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 841Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 842Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 843Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 844Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 845Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 846Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 842 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-20
Freescale Semiconductor
PCI/PCI-X Bus Interface
See Section 16.4.2.11.2, “Accessing the PCI Configuration Space in Host Mode,” and
Section 16.4.2.11.3, “PCI Configuration in Agent and Agent Lock Modes,” for use of
CFG_DATA.
16.3.1.1.3 PCI/X Interrupt Acknowledge Register (INT_ACK)
An external PCI/X interrupt acknowledge transaction is generated by reading the INT_ACK
register at offset 0x0_8008. PCI INT_ACK is read-only and a write to that address results in
nothing. The INT_ACK register is shown in Figure 16-5.
Figure 16-5. PCI/X INT_ACK Register
Table 16-6 describes the bit settings for the INT_ACK register.
16.3.1.2 PCI/X ATMU Outbound Registers
The outbound address translation and mapping unit controls the mapping of transactions from the
internal 32-bit address space of the MPC8540 to the external PCI address space. The outbound
ATMU consists of four translation windows plus a default translation for transactions that do not
hit in one of the four windows.
Each window contains a base address that points to the beginning of the window in the local
address map, a translation address that specifies the high-order bits of the transaction in the
external PCI address space, and a set of attributes including window size and external transaction
type.
Each window must be aligned based on the granularity specified by the window size. If two
outbound ATMU windows overlap in the local address space, the mapping of the lower numbered
window has precedence over the higher numbered window. Note that outbound translation
windows must not overlap the configuration access registers.
Window 0 is the default window and is the only window enabled upon reset. The default outbound
register set is used when a transaction misses in all other outbound windows.
0
31
RData
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_8008
Table 16-6. PCI/X INT_ACK Field Descriptions
Bits
Name
Description
0–31
Data
A read to this register generates a PCI interrupt acknowledge cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com