Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 844 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 844 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 840Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 841Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 842Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 843Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 844Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 845Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 846Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 847Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 848Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 844 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-22
Freescale Semiconductor
PCI/PCI-X Bus Interface
Table 16-8 describes the fields of the POTEARn.
16.3.1.2.3 PCI/X Outbound Window Base Address Registers (POWBARn)
The PCI/X outbound window base address registers (POWBARn), shown in Figure 16-8, point to
the beginning of each translation window in the local 32-bit address space. Addresses for outbound
transactions are compared to the appropriate bits in these registers, according to the sizes of the
windows. If a transaction does not fall within one of these windows, the default translation and
mapping is used. The default window is always enabled and used when the other windows miss.
Note that POWBAR0 (for outbound ATMU window 0) is not used, because window 0 is the
default window used when no other windows match. POWBAR0 may be read from and written
to, but the value is ignored.
Figure 16-8. PCI/X Outbound Window Base Address Registers
Table 16-9 describes the field of the POWBARn.
16.3.1.2.4 PCI/X Outbound Window Attributes Registers (POWARn)
The PCI/X outbound window attributes registers (POWARn) define the window sizes to translate
and other attributes for the translations. The minimum window size is 4 Kbytes. The maximum
window size is 4 Gbytes.
Table 16-8. POTEARn Field Descriptions
Bits
Name
Description
0–11
—
Reserved
12–31
TEA
Translation extended address. Represents bits [63–44] of a 64-bit PCI address (used in
conjunction with POTARn)
011 12
31
R
—WBA
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_8C08, 0x0_8C28, 0x0_8C48, 0x0_8C68, 0x0_8C88
Table 16-9. POWBARn Field Descriptions
Bits
Name
Description
0–11
—
Reserved, should be cleared.
12–3
1
WBA Window base address. Source address that is the starting point for the outbound translation window.
The window must be aligned based on the size selected in the window size bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com