Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 847 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 847 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 843Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 844Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 845Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 846Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 847Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 848Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 849Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 850Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 851Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 847 / 1302 page
background image
Memory Map/Register Definitions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-25
Registers.” All accesses to PCSRBAR have an automatic internal byte lane redirection from the
little-endian PCI bus to the big-endian CCSRBAR configuration space.
16.3.1.3.1 PCI/X Inbound Translation Address Registers (PITARn)
The PCI/X inbound translation address registers (PITARn) points to the beginning of the local
address space for the inbound window. The translated address is created by concatenating the
transaction offset to this translation address. The format of the PITARn is shown in Figure 16-11.
Figure 16-11. PCI/X Inbound Translation Address Registers
Table 16-11 describes the fields of the PITARn registers.
16.3.1.3.2 PCI/X Inbound Window Base Address Registers (PIWBARn)
PCI/X inbound window base address registers (PIWBARn), shown in Figure 16-12, select the
PCI/X base address for windows translated to the MPC8540 local address space. Inbound
transaction addresses are compared to these windows. If a PCI/X transaction does not fall in one
of these spaces, the PCI/X interface does not assert DEVSEL.
Figure 16-12. PCI/X Inbound Window Base Address Registers
011
12
31
R
—TA
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_8DA0, 0x0_8DC0, 0x0_8DE0
Table 16-11. PITARn Field Descriptions
Bits
Nam
e
Description
0–11
—
Reserved, should be cleared.
12–3
1
TA
Translation address. Indicates the starting point of the inbound translated address. The translation
address must be aligned based on the size field. TA corresponds to the high-order 20 bits of a 32-bit
local address.
011
12
31
R
BEA
BA
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_8DA8, 0x0_8DC8, 0x0_8DE8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com