Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 850 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 850 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 846Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 847Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 848Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 849Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 850Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 851Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 852Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 853Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 854Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 850 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-28
Freescale Semiconductor
PCI/PCI-X Bus Interface
16.3.1.4 PCI/X Error Management Registers
When a PCI/X error is detected, the appropriate error bit is set in the PCI/X error detect register.
Subsequent errors set the appropriate error bits in the error detection registers, but relevant
information (attributes, address, and data) is captured only for the first error. The PCI/X error
detect register is a write-1-to-clear type register. That is, reading from this register occurs
normally; however, write operations are different in that the bits can be cleared but not set. A bit
is cleared whenever the register is written, and the data in the corresponding bit location is a 1. For
example, to clear bit 25 and not affect any other bits in the register, the value 0x0000_0040 is
written to the register.
The error bit is set regardless of the state of the corresponding error enable bit in the PCI/X error
enable register. The error enable bits are used to send or block the error reporting to the interrupt
mechanism. The interrupt can be cleared by writing 0xFFFF_FFFF to the PCI/X error detect
register.
Note that some errors are reported in two bits—one in the PCI/X error detect register (ERR_DR)
and another in the PCI bus status register in the PCI/X configuration header. These bits must be
cleared separately; that is, clearing one does not clear the other. For example, clearing the
16–19
WTT
Write transaction type. Transaction type to run if access is a write. The field description differs subject to
the transaction being targeted to an I/O interface or to local memory.
Following are the transaction type settings for writes to the RapidIO interface:
0000–0011 Reserved
0100 Write
0101–1111 Reserved
Following are the transaction type settings for writes to local memory:
0000–0011 Reserved
0100 Write, don’t snoop local processor
0101 Write, snoop local processor
0110 Write, allocate L2 cache line
0111 Write, allocate and lock L2 cache line
1000–1111 Reserved
20–25
—
Reserved
26–31
IWS
Inbound window size. Inbound translation window size N which is the encoded 2^(N+1) bytes window
size. The smallest window is 4 Kbytes.
000000–001010 Reserved
001011 4-Kbyte window size
001100 8-Kbyte window size
...
011111 4-Gbyte window size
100000–111111 Reserved
For configuration and run-time registers, the window size is fixed at
010011 1-Mbyte window size
For register set 0, the window size is limited to 4 Gbytes or smaller.
Table 16-14. PIWARn Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com