Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 848 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 848 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 844Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 845Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 846Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 847Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 848Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 849Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 850Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 851Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 852Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 848 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-26
Freescale Semiconductor
PCI/PCI-X Bus Interface
Table 16-12 describes the fields of the PIWBARn registers.
16.3.1.3.3 PCI/X Inbound Window Base Extended Address Registers
(PIWBEARn)
The PCI/X inbound window base extended address registers (PIWBEARn), shown in
Figure 16-13, contain the msbs of a 64-bit base address. Note that inbound window 1 supports only
a 32-bit base address and does not define an inbound window base extended address register.
Figure 16-13. PCI/X Inbound Window Base Extended Address Registers
Table 16-13 describes the fields of the PIWBEARn registers.
16.3.1.3.4 PCI/X Inbound Window Attributes Registers (PIWARn)
The PCI/X inbound window attributes registers (PIWARn) define the window sizes to translate
and other attributes for the translations. 16 Gbytes is the largest window size allowed. The format
of the PIWBARn is shown in Figure 16-14.
Table 16-12. PIWBARn Field Descriptions
Bits
Name
Description
0–11
BEA
Base extended address. Corresponds to bits 43–32 of a 64-bit PCI base address.
12–31
BA
Base address. Corresponds to bits 31–12 of a PCI base address.
011 12
31
R 0
00
00
00
0
0
0
0
0
BEA
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_8DAC, 0x0_8DCC
Table 16-13. PIWBEARn Field Descriptions
Bits
Name
Description
0–11
—
Reserved
12–31
BEA
Base extended address. Corresponds to bits 63–44 of a 64-bit PCI base address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com