Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 851 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 851 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 847Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 848Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 849Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 850Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 851Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 852Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 853Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 854Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 855Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 851 / 1302 page
background image
Memory Map/Register Definitions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-29
ERR_DR[Mstr abort error] does not clear the received master abort bit in the PCI bus status
register. In these cases, both bits must be cleared before further error reporting can occur. Refer to
Table 16-57 for PCI mode error actions and Table 16-65 for PCI-X mode error actions. Likewise,
some errors are enabled by programming two bits—one in the PCI/X error enable register and
another in the PCI bus command register in the PCI/X configuration header.
A master-abort condition during a configuration cycle is not necessarily an error. In this case, if
relevant, the master-abort error enable can be disabled to prevent the reporting of master-aborts
during outbound configuration cycles. Master-aborts during configuration reads return
0xFFFF_FFFF.
If a data parity error occurs during an inbound configuration write access, the error is reported and
captured. However, the erroneous data is written to the register specified in the transaction.
Therefore, PCI data parity error recovery routines must include reinitialization of the PCI/X
configuration register if the error occurred during a configuration write.
A dual address cycle (DAC) transaction on the PCI bus has two address phases. The command of
the first phase is DAC and the command of the second phase is the actual transaction type. If an
error occurs on a DAC transaction, the DAC command is stored in command field in the PCI/X
error attribute capture register.
In PCI-X mode, the MPC8540 does not check the parity on the data of a split response to an
outbound read transaction because no data is actually transferred. However, outbound writes that
end with a split response do transfer data and thus parity is checked for these transactions. Also
note that the MPC8540 does drive the correct parity for inbound read transactions that it terminates
with a split response.
See Section 16.4.2.13, “PCI Error Functions,” and Section 16.4.3.8, “PCI-X Error Functions,” for
more details on error handling.
16.3.1.4.1 PCI/X Error Detect Register (ERR_DR)
Figure 16-15. PCI/X Error Detect Register (ERR_DR)
Table 16-15 describes ERR_DR fields. Note that uncorrectable read errors may cause the assertion
of core_fault_in, which causes the core to generate a machine check interrupt, unless it is disabled
(by clearing HID1[RFXE]). If RFXE is zero and an error occurs, the appropriate parity detect and
master-abort bits in ERR_DR must be cleared and the appropriate enable bits in ERR_EN must be
0
1
20
21
22
23
24
25
26
27
28
29
30
31
R Multiple
PCI
errors
Addr
Parity
error
Rcvd
SERR
error
Mstr
PERR
error
Trgt
PERR
error
Mstr
abort
error
Trgt
abort
error
OWMSV
error
ORMSV
error
IRMSV
error
SCM
error
TOE
error
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_8E00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com