Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 852 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 852 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 848Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 849Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 850Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 851Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 852Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 853Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 854Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 855Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 856Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 852 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-30
Freescale Semiconductor
PCI/PCI-X Bus Interface
set to ensure that an interrupt is generated. See Section 6.10.2, “Hardware
Implementation-Dependent Register 1 (HID1).”
16.3.1.4.2 PCI/X Error Capture Disable Register (ERR_CAP_DR)
Figure 16-16. PCI/X Error Capture Disable Register (ERR_CAP_DR)
Table 16-15. ERR_DR Field Descriptions
Bits
Name
Description
0
Multiple PCI errors
0 Multiple PCI errors of the same type were not detected (write-1-to-clear)
1 Multiple PCI errors of the same type were detected
1–20
—
Reserved
21
Addr Parity error
Address parity error (write-1-to-clear)
22
Rcvd SERR error
Received SERR error (write-1-to-clear)
23
Mstr PERR error
Master PERR error (write-1-to-clear)
24
Trgt PERR error
Target PERR error (write-1-to-clear)
25
Mstr abort error
Master-abort error (write-1-to-clear)
26
Trgt abort error
Target abort error (write-1-to-clear)
27
OWMSV error
Outbound write memory space violation error (write-1-to-clear)
28
ORMSV error
Outbound read memory space violation error (write-1-to-clear)
29
IRMSV error
PCI/X inbound read memory space violation error (write-1-to-clear)
30
SCM error
PCI/X split completion message error (write-1-to-clear)
31
TOE error
PCI/X time out error (write-1-to-clear)
020
21
31
R
Addr
parity
error
capture
disable
Rcvd
SERR
error
capture
disable
Mstr
PERR
error
capture
disable
Trgt
PERR
error
capture
disable
Mstr
abort
error
capture
disable
Trgt
abort
error
capture
disable
OWMSV
error
capture
disable
ORMSV
error
capture
disable
IRMSV
error
capture
disable
SCM
error
capture
disable
TOE
error
capture
disable
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_8E04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com