Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 845 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 845 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 841Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 842Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 843Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 844Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 845Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 846Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 847Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 848Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 849Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 845 / 1302 page
background image
Memory Map/Register Definitions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-23
The default window attribute register, POWAR0, is shown in Figure 16-9. Note that the fields for
all of the POWARn registers are the same, only the reset values are different.
POWAR1–POWAR4 are shown in Figure 16-10.
Figure 16-10. PCI/X Outbound Window Attributes Registers 1–4
Table 16-10 describes the fields for the POWARn registers.
0
1
11 12
15 16
19 20
25 26
31
R
EN1
0 0 0 0000 0 0 0 0
RTT
WTT
000000
OWS
W
Reset
1000_0000_0000_0100_0100_0000_0001_1111 2
Offset
0x0_8C10
1 For POWAR0, translation is always enabled. The enable field (EN) may be read and written, but the value is
ignored.
2 The default window is enabled, configured for memory read and memory write, and set to an OWS size of 4
Gbytes.
Figure 16-9. PCI/X Outbound Window Attributes Register 0 (Default)
0
1
11 12
15 16
19 20
25 26
31
R
EN
00 000 00 000 0
RTT
WTT
000000
OWS
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_8C30, 0x0_8C50, 0x0_8C70, 0x0_8C90
Table 16-10. POWARn Field Descriptions
Bits
Name
Description
0
EN
Enable. Enables this address translation. Note that for POWAR0, translation is always enabled. The
enable field (EN) may be read and written, but the value is ignored.
1–11
—
Reserved
12–15
RTT
Read transaction type to run on PCI
0000–0011Reserved
0100 Memory Read
0101–0111Reserved
1000 I/O Read
1001–1111Reserved
16–19
WTT
Writetransaction type to run on PCI
0000–0011Reserved
0100 Memory Write
0101–0111Reserved
1000 I/O Write
1001–1111Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com