Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 841 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 841 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 837Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 838Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 839Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 840Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 841Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 842Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 843Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 844Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 845Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 841 / 1302 page
background image
Memory Map/Register Definitions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-19
Table 16-4 describes the bit settings for the CFG_ADDR register.
Bus number 0xb00 and device number 0b0_0000 are used to configure the internal PCI/X
configuration header of the MPC8540 itself.
See Section 16.4.2.11.2, “Accessing the PCI Configuration Space in Host Mode,” and
Section 16.4.2.11.3, “PCI Configuration in Agent and Agent Lock Modes,” for usage of PCI/X
CFG_ADDR.
16.3.1.1.2 PCI/X Configuration Data Register (CFG_DATA)
The CFG_DATA register is shown in Figure 16-3.
Figure 16-4. PCI/X CFG_DATA Register
Table 16-5 describes the bit settings for the CFG_DATA register
The CFG_DATA register is a 4-byte window into the little-endian PCI/X configuration header data
structure; therefore byte addressing within the CFG_DATA register uses little-endian convention.
Note that CFG_DATA may contain 1, 2, 3, or 4 bytes depending on the size of the register being
accessed.
Table 16-4. PCI/X CFG_ADDR Field Descriptions
Bits
Name
Description
0
Enable
Allow a PCI configuration access when PCI CFG_DATA is accessed
1–7
—
Reserved
8–15
Bus Number
PCI bus number to access
16–20
Device Number
Device number to access on specified bus
21–23
Function Number
Function to access within specified device
24–29
Register Number
32-bit register to access within specified device
30–31
—
Reserved, hardwired to logic 00
0
31
R
Data
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_8004
Table 16-5. PCI/X CFG_DATA Field Descriptions
Bits
Name
Description
0–31
Data
A read or write to this register starts a PCI configuration cycle if the PCI CFG_ADDR
enable bit is set. If the enable bit is not set, a PCI I/O transaction is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com