Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 837 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 837 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 833Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 834Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 835Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 836Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 837Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 838Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 839Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 840Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 841Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 837 / 1302 page
background image
Memory Map/Register Definitions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-15
16.3 Memory Map/Register Definitions
The PCI/X interface unit of the MPC8540 supports the following register types:
•
Memory-mapped registers—these registers control PCI address translation, PCI error
management, and PCI configuration register access on the MPC8540. These registers are
described in Section 16.3.1, “PCI/X Memory Mapped Registers,” and its subsections.
•
PCI/X configuration registers contained within the PCI/X configuration header—these
registers are specified by the PCI bus specification for every PCI device. These registers
are described in Section 16.3.2, “PCI/X Configuration Header,” and its subsections.
16.3.1 PCI/X Memory Mapped Registers
The PCI/X memory mapped registers are accessed by reading and writing to an address comprised
of the base address (specified in the CCSRBAR on the local side or the PCSRBAR on the PCI/X
side) plus the offset of the specific register to be accessed. Note that all memory-mapped registers
(except the PCI/X configuration data register, PCI CFG_DATA) must only be accessed as 32-bit
quantities.
Table 16-3 lists the memory-mapped registers.
Table 16-3. PCI/X Memory-Mapped Register Map
Offset
Register
Access
Reset
Section/Page
PCI/X Configuration Access Registers
0x0_8000
CFG_ADDR—PCI/X configuration address
R/W
0x0000_0000
16.3.1.1.1/16-18
0x0_8004
CFG_DATA—PCI/X configuration data
R/W
0x0000_0000
16.3.1.1.1/16-18
0x0_8008
INT_ACK—PCI/X interrupt acknowledge
R
0x0000_0000
16.3.1.1.3/16-20
0x0_800C–
0x0_8BFC
Reserved
—
—
—
PCI/X ATMU Registers—Outbound and Inbound
0x0_8C00–0x0_8C3C–Outbound Window 0 (default)
0x0_8C00
POTAR0—PCI/X outbound window 0 (default) translation
address register
R/W
0x0000_0000
16.3.1.2.1/16-21
0x0_8C04
POTEAR0—PCI/X outbound window 0 (default) translation
extended address register
R/W
0x0000_0000
16.3.1.2.2/16-21
0x0_8C08
Reserved
—
—
0x0_8C0C
Reserved
—
—
0x0_8C10
POWAR0—PCI/X outbound window 0 (default) attributes
register
R/W
0x8004_401F
16.3.1.2.4/16-22
0x0_8C14–
0x0_8C1C
Reserved
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com