| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 835 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 835 Page - Freescale Semiconductor, Inc |
|
835 / 1302 page ![]() External Signal Descriptions MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 Freescale Semiconductor 16-13 PCI_REQ[4:0] I PCI bus request . Input signals on this PCI controller when the arbiter is enabled. When the arbiter is disabled, PCI_REQ[0] is an output. Note that PCI_REQ[n] is a point-to-point signal. Every master has its own bus request signal. Following is the state meaning for the PCI_REQ[n] input. State Meanin g Asserted—Indicates that agent n is requesting control of the PCI bus to perform a transaction. Negated—Indicates that agent n does not require use of the PCI bus. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a PCI_REQ64 I/ O 64-bit transaction request. Indicates that the current master desires to transfer data using 64-bit transfers. Also used as a reset configuration signal in the MPC8540 as described in Section 4.4.3, “Power-On Reset Configuration.” O As an output for the bidirectional 64-bit transaction request, this signal operates as follows: State Meanin g Asserted—Indicates that this PCI controller, as the master of a PCI transaction, desires to use all 64 bits. Negated—Indicates that this PCI controller, as the master of a PCI transaction, uses only 32 bits of the data bus in servicing a data transfer. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a I As an input for the bidirectional 64-bit transaction request, this signal operates as described below. State Meanin g Asserted—Indicates that the master of a PCI transaction is requesting to use the full 64-bit data bus for the data phase of the transaction. Negated—Indicates that the master of a PCI transaction uses only 32 bits of the data bus during the data phase of the transaction. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a PCI_SERR I/ O PCI system error O As outputs for the bidirectional PCI system error, these signals operate as described below. State Meanin g Asserted—Indicates that an address parity error, a target-abort (when this PCI controller is acting as the initiator), or some other system error (where the result is a catastrophic error) was detected. Negated—Indicates no error. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a I As inputs for the bidirectional PCI system error, these signals operate as described below. State Meanin g Asserted—Indicates that a target (other than this PCI controller) has detected a catastrophic error. Negated—Indicates no error. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a Table 16-2. PCI Interface Signals—Detailed Signal Descriptions (continued) Signal I/ O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |