| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 833 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 833 Page - Freescale Semiconductor, Inc |
|
833 / 1302 page ![]() External Signal Descriptions MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 Freescale Semiconductor 16-11 PCI_IRDY I/ O Initiator ready O As outputs for the bidirectional initiator ready, these signals operate as described below. State Meanin g Asserted—Indicates that this PCI controller, acting as a PCI master, can complete the current data phase of a PCI transaction. During a write, this PCI controller asserts PCI_IRDY to indicate that valid data is present on PCI_AD[63:0]. During a read, this PCI controller asserts PCI_IRDY to indicate that it is prepared to accept data. Negated—Indicates that the PCI target needs to wait before this PCI controller, acting as a PCI master, can complete the current data phase. During a write, this PCI controller negates PCI_IRDY to insert a wait cycle when it cannot provide valid data to the target. During a read, this PCI controller negates PCI_IRDY to insert a wait cycle when it cannot accept data from the target. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a I As inputs for the bidirectional initiator ready, these signals operate as described below. State Meanin g Asserted—Indicates another PCI master can complete the current data phase of a transaction. Negated—If PCI_FRAME is asserted, indicates a wait cycle from another master. If PCI_FRAME is negated, indicates the PCI bus is idle. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a PCI_PAR I/ O PCI parity. O As outputs for the bidirectional PCI parity, these signals operate as described below. State Meanin g Asserted—Indicates odd parity across PCI_AD[31:0] and PCI_C/BE[3:0] during address and data phases. Negated—Indicates even parity across PCI_AD[31:0] and PCI_C/BE[3:0] during address and data phases. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a I As inputs for the bidirectional PCI parity, these signals operate as described below. State Meanin g Asserted—Indicates odd parity driven by another PCI master or the PCI target during read data phases. Negated—Indicates even parity driven by another PCI master or the PCI target during read data phases. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a Table 16-2. PCI Interface Signals—Detailed Signal Descriptions (continued) Signal I/ O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |