| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 830 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 830 Page - Freescale Semiconductor, Inc |
|
830 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 16-8 Freescale Semiconductor PCI/PCI-X Bus Interface Table 16-2 contains the detailed descriptions of the external PCI/X interface signals. Table 16-2. PCI Interface Signals—Detailed Signal Descriptions Signal I/ O Description PCI_ACK64 I/ O 64-bit transaction acknowledge.Indicates that the current target supports 64-bit transfers during the data phase of the current transaction. O As an output for the bidirectional 64-bit transaction acknowledge, this signal operates as follows: State Meanin g Asserted—Indicates that this PCI controller, as the target of a PCI transaction, may use the full 64-bit data bus for the data phase of the transaction. Negated—Indicates that this PCI controller, as the target of a PCI transaction, may use only 32 bits of the data bus in servicing a data transfer. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a I As an input for the bidirectional 64-bit transaction acknowledge, this signal operates as follows: State Meanin g Asserted—Indicates that the target of a PCI transaction may use the full 64-bit data bus for the data phase of the transaction. Negated—Indicates that the target of a PCI transaction may only use 32 bits of the data bus during the data phase of the transaction. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a PCI_AD[63:0] I/ O PCI address/data bus O As outputs for the bidirectional PCI address/data bus, these signals operate as described below. State Meanin g Asserted/Negated—Represents the physical address during the address phase of a PCI transaction. During the data phase(s) of a PCI transaction, the PCI address/data bus contain the data being written. The PCI_AD[7:0] signals define the LSB and PCI_AD[63:56] define the MSB. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a I As inputs for the bidirectional PCI address/data bus, these signals operate as described below. State Meanin g Asserted/Negated—Represents the address to be decoded as a check for device select during the address phase of a PCI transaction or the data being received during the data phase(s) of a PCI transaction. The PCI_AD[7:0] signals define the LSB and PCI_AD[63:56] define the MSB. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |