Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 828 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 828 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 824Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 825Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 826Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 827Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 828Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 829Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 830Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 831Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 832Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 828 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-6
Freescale Semiconductor
PCI/PCI-X Bus Interface
16.1.3.1.1 Host Mode
When the device powers up in host mode, all inbound configuration accesses are ignored (and thus
master aborted). See Section 16.5.1.1, “Host Mode,” for more information.
16.1.3.1.2 Agent Mode
When the device powers up in agent mode, it acknowledges inbound configuration accesses. See
Section 16.5.1.2, “Agent Mode,” for more information. Note that in PCI agent mode, the PCI/X
controller ignores all PCI/X memory accesses except those to the memory-mapped registers) until
inbound address translation is enabled.
16.1.3.1.3 Agent Configuration Lock Mode
When the device powers up in agent configuration lock mode, it retries inbound configuration
accesses until the ACL bit in the PCI bus function register is cleared. See Section 16.5.1.3, “Agent
Configuration Lock Mode,” for more information.
16.1.3.2 PCI/X Bus Width (64-/32-Bit Bus)
This input configures the PCI/X interface to be in 32-bit or 64-bit extended mode of operation. The
initial value is determined by the value on the PCI_REQ64 power-on reset configuration signal.
See Chapter 4, “Reset, Clocking, and Initialization,” and the MPC8540 Integrated Processor
Hardware Specifications, for more information.
16.1.3.3 PCI/X Arbiter (Internal/External Arbiter)
This input configures the on-chip PCI/X arbiter. The initial value is determined by the value on the
PCI_GNT2 power-on reset configuration signal. See Chapter 4, “Reset, Clocking, and
Initialization,” and the MPC8540 Integrated Processor Hardware Specifications.
16.1.3.4 PCI/X Bus Mode
This input configures PCI or PCI-X mode on the PCI/X port. Note that this input does not support
the three states of the PCIXCAP input defined in the PCI-X specification. It is sampled as either
a 1 or a 0 during reset only. The initial value is determined by the value on the PCI_GNT4
power-on reset configuration signal. See Chapter 4, “Reset, Clocking, and Initialization,” and the
MPC8540 Integrated Processor Hardware Specifications.
16.1.3.5 PCI/X Signal Output Hold Timing
To meet minimum output hold specifications relative to SYSCLK for both PCI and PCI-X
systems, the MPC8540 has a programmable output hold delay for bus signals. The initial value of
the output hold delay is determined by the values on the LWE[0:1] power-on reset configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com