Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 829 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 829 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 825Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 826Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 827Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 828Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 829Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 830Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 831Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 832Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 833Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 829 / 1302 page
background image
External Signal Descriptions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-7
signals. See Chapter 4, “Reset, Clocking, and Initialization,” and the MPC8540 Integrated
Processor Hardware Specifications, for more information on these values and signal timing.
16.1.3.6 PCI/X Impedance
The MPC8540 has a programmable impedance for PCI/X bus signals. The initial value is
determined by the value on the PCI_GNT1 power-on reset configuration signal. See Chapter 4,
“Reset, Clocking, and Initialization,” and the MPC8540 Integrated Processor Hardware
Specifications, for more information.
16.2 External Signal Descriptions
Figure 16-2 shows the external PCI/X signals.
Figure 16-2. PCI/X Interface External Signals
32
PCI_AD[31:0]
4
PCI_PAR
PCI_C/BE[3:0]
1
1
PCI_TRDY
1
PCI_IRDY
1
PCI_STOP
1
PCI_DEVSEL
PCI_PERR
PCI_SERR
PCI_FRAME
1
PCI_IDSEL
PCI/X Required Signals
Address
Interface
Error
PCI_REQ[0:4]
PCI_GNT[0:4]
Arbitration
PCI/X Optional Signals
32
PCI_C/BE[7:4]
1
PCI_PAR64
1
PCI_REQ64
1
PCI_ACK64
PCI_AD[63:32]
4
64-Bit
and Data
Command
Reporting
Extension
(37 Signals)
(6 Signals)
(2 Signals)
(10 Signals)
(39 Signals)
1
1
5
5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com