Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 827 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 827 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 823Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 824Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 825Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 826Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 827Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 828Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 829Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 830Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 831Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 827 / 1302 page
background image
Introduction
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-5
The following is a list of PCI-X features supported:
•
PCI-X revision 1.0a compatible
•
Support for up to 133-MHz point-to-point connection
•
Support for 32- and 64-bit interface
•
64-bit dual address cycle (DAC) support
•
On-chip arbitration with support for 5 high-priority request and grant signal pairs
•
Support for accesses to all PCI-X memory and I/O address spaces
•
Support for four split transactions
•
Complete allowable disconnect boundary (ADB) support
•
All PCI-X ordering rules enforced
•
Implementation of relaxed-ordering
•
PCI-X 3.3-V compatible
16.1.3 Modes of Operation
A number of parameters that affect the PCI/X controller modes of operation are determined at
power-on reset (POR) by reset configuration signals as described in Chapter 4, “Reset, Clocking,
and Initialization.” Table 16-1 provides a summary of these modes.
16.1.3.1 Host/Agent Modes
The PCI/X controller can function as either a PCI/X host bridge (host mode) or a peripheral device
on the PCI bus (agent mode). The PCI/X controller can also operate in agent configuration lock
mode. Note that host/agent mode selection is determined at power-up as summarized in
Section 16.5.1, “Power-On Reset Configuration Modes.”
Table 16-1. POR Parameters for PCI/X Controller
Parameter
Description
Section/Pag
e
Host/agent
configuration
Selects between host and agent mode for the PCI/X and RapidIO interfaces.
4.4.3.4/4-14
PCI width selection
Selects between 32-bit or 64-bit data bus width.
4.4.3.12/4-19
PCI I/O impedance
Selects the impedance of the PCI/X I/O drivers
4.4.3.13/4-19
PCI arbiter enable
Enables the on-chip PCI/X bus arbiter
4.4.3.14/4-19
PCI debug mode enable Selects between normal operation or debug mode for PCI_AD[62:58].
4.4.3.15/4-20
PCI-X configuration
Selects between PCI or PCI-X operation
4.4.3.16/4-20
PCI/X output hold
Selects the number of buffer delays for PCI output signals depending on
whether PCI or PCI-X operation is selected. This provides flexibility in meeting
minimum output hold specifications relative to SYSCLK for both PCI and PCI-X
systems
4.4.3.19/4-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com