Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 824 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 824 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 820Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 821Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 822Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 823Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 824Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 825Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 826Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 827Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 828Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 824 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-2
Freescale Semiconductor
PCI/PCI-X Bus Interface
Figure 16-1. PCI/X Controller Block Diagram
16.1.1 Overview
The PCI/X controller connects the OCeaN to the PCI/X bus, to which I/O components are
connected. The PCI bus uses a 32- or 64-bit multiplexed address/data bus, plus various control and
error signals. The PCI/X interface supports address and data parity with error checking and
reporting.
The PCI/X interface of the MPC8540 functions both as a master (initiator) and a target device.
Internally, the design is divided into the following:
•
Data path blocks
•
Control logic blocks
•
Memory
The data path blocks contain the queues, tables for transaction tracking, and ordering. The control
blocks contain control logic and state-machines for buffer control, bus protocol, tag generation,
and transaction resizing. The memory blocks are used solely for inbound and outbound data
storage.
This allows the MPC8540 to handle separate PCI/X transactions simultaneously. For example,
consider the case where a burst-write transaction from the MPC8540 to another PCI device
OCeaN Physical Interface
PCI/X Interface
Fabric
Request
Data Out
Data In
Arb
Arb
PCI
PCI-X
Regs
Regs
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com