Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 820 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 820 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 816Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 817Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 818Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 819Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 820Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 821Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 822Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 823Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 824Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 820 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
15-42
Freescale Semiconductor
DMA Controller
•
Transparency of the bus interfaces to DMA operations
•
What is useful as opposed to what is possible. For example, it is possible to address any
internal register via the internal control bus, which means configuration and control
registers can be DMA source or destination targets. However, the typical use of DMA
functionality is to reduce host processor loading by moving large amounts of data with
minimal CPU involvement. Using a general-purpose DMA controller to load small
amounts of configuration data only makes sense in special circumstances (perhaps during
system boot, for example).
Figure 15-27. DMA Data Paths
Table 15-24 lists all of the DMA controllers (both captive and general-purpose) on the device and
the most likely DMA targets on and off-chip. The bus controllers themselves cannot initiate DMA
Three speed
OCeaN
Ethernet
controller
10/100/1G MAC
GMII
RGMII
TBI
RTBI
DDR SDRAM bus
I/O voltages supported = 2.5V
Bus speeds: 100MHz(200)/
133MHz(266)/150MHz(300)/166MHz(333)
Support 64-bit wide+ECC (error injection)
DDR SDRAM
controller
e500 core
L2 cache
Local bus
controller
Three speed
Ethernet
controller
10/100/1G MAC
PCI/PCI-X
controller
RapidIO
endpoint
Ext DMA pins
I2C
DMA
(4 channel)
controller
Boot
sequencer
Register &
control
PCI/PCI-X bus
RapidIO
I/O voltages
supported = 3.3V
Local bus
I/O voltages supported = 3.3V
Bus speeds: 66MHz/83MHz/
100MHz/133MHz/166MHz
Peripheral sizes 8/16/32-bit
e500
Coherency
Module
ECM
Open PIC
DUART
TBI
RTBI
Fast
Ethernet
controller
10/100 MAC
Serial
In/Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com