Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 817 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 817 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 813Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 814Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 815Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 816Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 817Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 818Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 819Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 820Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 821Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 817 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-39
Figure 15-24 describes the DMA transaction flow.
Figure 15-24. DMA Transaction Flow with DMA Descriptors
Current list descriptor Address Register
.
.
.
List Descriptor
Link Descriptor
Link Descriptor
Link Descriptor (EOLND)
List Descriptor
Descriptors In Memory
DMA Controller Flow (Extended Mode)
MRn[CS] is set by software after programming
Start
Finish
Fetch the first list descriptor using the CLSDARn address.
Write NLSDARn, CLNDARn.
Fetch the first link descriptor.
Write programming model registers.
Begin DMA transfer using SARn, SATRn, DARn, DATRn.
After transfer check if NLNDARn[EOLND] is set.
Move NLNDARn to CLNDARn.
Fetch the current link descriptor.
Write programming model registers.
Begin DMA transfer using SARn, SATRn, DARn, DATRn.
After DMA transfer check if NLNDARn[EOLND] is set.
Check if NLSDARn[EOLSD] is set.
Move NLSDARn to CLSDARn.
Fetch the current list descriptor.
Write NLSDARn, CLNDARn.
Move NLNDARn to CLNDARn.
Fetch the first link descriptor.
Write programming model registers.
Begin DMA transfer using SARn, SATRn, DARn, DATRn.
After DMA transfer check if NLNDARn[EOLND] is set.
Move NLNDARn to CLNDARn.
Fetch the current link descriptor.
Write programming model registers.
Begin DMA transfer using SARn, SATRn, DARn, DATRn.
After DMA transfer check if NLNDARn[EOLND] is set.
Check if NLSDARn[EOLSD] is set.
Move NLSDARn to CLSDARn.
Fetch the current list descriptor.
Write NLSDARn, CLNDARn.
Fetch the first link descriptor.
Write programming model registers.
Begin DMA transfer using SARn, SATRn, DARn, DATRn.
After DMA transfer check if NLNDARn[EOLND] is set.
Move NLNDARn to CLNDARn.
Fetch the current link descriptor.
Write programming model registers.
Begin DMA transfer using SARn, SATRn, DARn, DATRn.
After DMA transfer check if NLNDARn[EOLND] is set.
Check if NLSDARn[EOLSD] is set.
Clear SRn[CB].
DMA Transfer Complete
.
.
Link Descriptor
Link Descriptor
Link Descriptor (EOLND)
List Descriptor
.
Link Descriptor
Link Descriptor
Link Descriptor (EOLND/EOLSD)
.
descriptors in memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com