Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 815 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 815 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 811Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 812Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 813Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 814Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 815Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 816Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 817Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 818Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 819Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 815 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-37
Figure 15-23. Stride Size and Stride Distance
15.4.2 DMA Transfer Interfaces
The DMA can be used to achieve data transfers across the entire memory map.
15.4.3 DMA Errors
On a transfer error (uncorrectable ECC errors on memory accesses, parity errors on local bus or
PCI, address mapping errors, for example), the DMA halts by setting SRn[TE] and generates an
interrupt if MRn[EIE] is set. On a programming error, the DMA sets SRn[PE] and generates an
interrupt if MRn[EIE] is set. The DMA controller detects the following programming errors:
•
Transfer started with a byte count of zero.
•
Stride transfer started with a stride size of zero.
•
Transfer started with a priority of three.
•
Illegal type—Defined by SATRn[SREADTTYPE] and DATRn[DWRITETTYPE]. Used
for the transfer.
•
Invalid interface—Defined by SATRn[STRANSINT] and DATRn[DTRANSINT]. Used
for the transfer when in ATMU bypass mode.
15.4.4 DMA Descriptors
The DMA engine recognizes list descriptors and link descriptors. List descriptors connect lists of
link descriptors. Link descriptors describe the DMA activity that is to take place. DMA descriptors
are built in either local or remote memory and are connected by the next descriptor fields. Only
link descriptors contain information for the DMA controller to transfer data. Software must ensure
that each descriptor is 32-byte aligned. The last link descriptor in the last list in memory sets the
EOLND bit in the next link descriptor; the next list descriptor fields indicating that these are the
last descriptors in memory. Software initializes the current list descriptor address register to point
to the first list descriptor in memory. The DMA controller traverses through the descriptor lists
until the last link descriptor is met. For each link descriptor in the chain, the DMA controller starts
a new DMA transfer with the control parameters specified by that descriptor. Link and list
descriptor fetches always snoop the local memory space.
Stride Size
Stride Distance
Base Address
New Base Address
New Base Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com