Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 811 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 811 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 807Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 808Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 809Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 810Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 811Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 812Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 813Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 814Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 815Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 811 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-33
2. Poll the channel state (see Table 15-21), to confirm that the specific DMA channel is idle.
3. Initialize CLSDARn to point to the first list descriptor in memory.
4. Clear the mode register channel transfer mode bit, MRn[CTM], to indicate chaining mode.
MRn[XFE] must be set to indicate extended DMA mode. Other control parameters may
also be initialized in the mode register.
5. Clear, then set the mode register channel start bit, MRn[CS], to start the DMA transfer.
6. SRn[CB] is set by the DMA controller to indicate the DMA transfer is in progress.
7. SRn[CB] is automatically cleared by the DMA controller after finishing the transfer of the
last descriptor segment, or if the transfer is aborted (MRn[CA] transitions from a 0 to 1),
or if an error occurs during any of the transfers.
15.4.1.2.4 Extended Chaining Single-Write Start Mode
In the extended mode, the single-write start feature allows a chain to be started by writing the
current list descriptor pointer. Setting MRn[CDSM/SWSM] causes MRn[CS] to be set
automatically when CLSDARn is written. The sequence of events to start and complete an
extended chain using single-write start mode is as follows:
1. Set MRn[CDSM/SWSM], MRn[CTM], and MRn[XFE] to indicate extended chaining and
single-write start mode. Also other control parameters may be initialized in the mode
register.
2. Build list and link descriptor segments in local memory.
3. Poll the channel state (see Table 15-21), to confirm that the specific DMA channel is idle.
4. Initialize the current list descriptor address register to point to the first list descriptor
segment in memory. This write automatically causes the DMA controller to begin the list
descriptor fetch and set MRn[CS].
5. SRn[CB] is set by the DMA controller to indicate the DMA transfer is in progress.
6. SRn[CB] is automatically cleared by the DMA controller after finishing the transfer of the
last descriptor segment, or if the transfer is aborted (MRn[CA] transitions from a 0 to 1),
or if an error occurs during any of the transfers.
15.4.1.3 External Control Mode Transfer
An external control can be used to control all DMA channels by setting MRn[EMS_EN]. The
external control can control the DMA channel in the following transfer modes:
•
Basic direct
•
Basic chaining
•
Extended direct
•
Extended chaining



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com