Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 814 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 814 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 810Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 811Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 812Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 813Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 814Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 815Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 816Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 817Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 818Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 814 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
15-36
Freescale Semiconductor
DMA Controller
15.4.1.6 Bandwidth Control
MRn[BWC] specifies how much data to allow a specific channel to transfer before allowing the
next channel to use the shared data transfer hardware. This promotes equitable bandwidth
allocation between channels. However, if only one channel is busy, hardware overrides the
specified bandwidth control size value. The DMA controller allows a channel to transfer up to
1 Kbyte at a time when no other channel is active.
15.4.1.7 Channel State
Table 15-21 defines the state of a channel based on the values of the channel start (MRn[CS]),
channel busy (SRn[CB]), transfer error (SRn[TE]), and channel continue (MRn[CC]) bits.
15.4.1.8 Illustration of Stride Size and Stride Distance
If operating in stride mode, the stride size defines the amount of data to transfer before jumping to
the next quantity of data as specified by the stride distance. The stride distance is added to the
current base address to point to the next quantity of data to be transferred. Figure 15-23 illustrates
the stride size and distance parameters. As shown, each time the stride distance is added to the base
address, the resulting address becomes the new base address. This sequence repeats until the
amount of data transferred equals the transfer size.
Table 15-21. Channel State Table
MRn[CS]
SRn[CB]
SRn[TE] MRn[CC]
Channel State
0
0
0
0
Idle state. This is the state of the bits out of reset.
0
0
0
1
Channel continue unexpected. Channel remains idle.
0
0
1
0
Error occurred after software halted the channel.
0
0
1
1
Channel continue unexpected. Channel remains in error halt state.
0
1
0
0
Software halted channel. The channel was busy and software cleared
MRn[CS].
0
1
0
1
Channel remains in halt state.
—
1
1
—
The channel has encountered an error condition and it is trying to halt.
1
0
0
0
Ready to start transfer (byte count > 0), or transfer complete (byte count = 0)
1
0
0
1
Continue transfer (only meaningful in chaining mode, not direct mode). In direct
mode, the channel continue has no effect.
1
0
1
0
Error occurred during transfer.
1
0
1
1
Channel remains in error halt state.
1
1
0
0
Transfer in progress.
1
1
0
1
Continue after reaching the end of list/link, or the first descriptor fetch after
channel continue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com