Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 816 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 816 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 812Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 813Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 814Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 815Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 816Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 817Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 818Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 819Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 820Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 816 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
15-38
Freescale Semiconductor
DMA Controller
NOTE
Software must ensure that each descriptor is aligned on a 32-byte
boundary.
The last link descriptor in the last list in memory sets NLNDARn[EOLND] in the next link
descriptor and NLSDARn[EOLSD] in the next list descriptor fields indicating that these are the
last descriptors in memory. Software initializes the current list descriptor address register to point
to the first list descriptor in memory. The DMA controller traverses through the descriptor lists
until the last link descriptor is met as shown in Figure 15-24. For each link descriptor in the chain,
the DMA controller starts a new DMA transfer with the control parameters specified by that
descriptor. Table 15-22 summarizes the DMA list descriptors.
Table 15-23 summarizes the DMA link descriptors.
Table 15-22. DMA List Descriptor Summary
Descriptor Field
Description
Next list descriptor
address
Points to the next list descriptor in memory. After the DMA controller reads the descriptor from
memory, this field is loaded into the next list descriptor address registers.
First link descriptor
address
Points to the first link descriptor in memory for this list. After the DMA controller reads the descriptor
from memory, this field is loaded into the current link descriptor address registers.
Source stride
Contains the stride information used for the data source if striding is enabled for a link in the list.
Destination stride
Contains the stride information used for the data destination if striding is enabled for a link in the list.
Table 15-23. DMA List Descriptor Summary
Descriptor Field
Description
Source attributes register
Contains source transaction attributes.
Source address
Contains the source address of the DMA transfer. After the DMA controller reads the
descriptor from memory, this field is loaded into the Source address register.
Destination attributes register
Contains destination transaction attributes.
Destination address
Contains the destination address of the DMA transfer. After the DMA controller reads the
descriptor from memory, this field is loaded into the destination address register.
Next link descriptor address
Points to the next link descriptor in memory. After the DMA controller reads the link
descriptor from memory, this field is loaded into the next link descriptor address
registers.
Byte count
Contains the number of bytes to transfer. After the DMA controller reads the descriptor
from memory, this field is loaded into the byte count register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com