Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 818 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 818 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 814Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 815Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 816Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 817Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 818Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 819Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 820Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 821Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 822Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 818 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
15-40
Freescale Semiconductor
DMA Controller
Figure 15-25 describes the format of the list descriptors.
Figure 15-25. List Descriptor Format
Figure 15-26 describes the format of the link descriptors.
Figure 15-26. Link Descriptor Format
15.4.5 Limitations and Restrictions
This section addresses some of the limitations and restrictions of the DMA controller and is
intended to help software maximize the DMA performance and avoid DMA programming errors.
The limitations of the DMA controller are the following:
•
Due to the limited number of buffers that the DMA controller can use, stride sizes less than
64 bytes should be avoided. Maximum utilization is obtained from strides greater than or
equal to 256-bytes. However, small stride sizes can be used for scatter-gather functions.
•
Coherent reads or writes are broken up into cache line accesses in the DMA.
Reserved
Next list descriptor address
Reserved
First link descriptor address
Source stride
Destination stride
Reserved
Reserved
Offset
0x00
0x08
0x18
0x10
0x04
0x14
0x0C
0x1C
Byte count
Reserved
Source attributes
Destination attributes
Offset
0x00
0x08
0x18
0x10
0x04
Source address
Next link descriptor address
0x14
0x0C
Destination address
Reserved
0x1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com