Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 821 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 821 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 817Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 818Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 819Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 820Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 821Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 822Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 823Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 824Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 825Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 821 / 1302 page
background image
DMA System Considerations
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-43
transfers; rather, they operate transparently with respect to both on- and off-chip DMA controllers.
The codes in the table cells have the following meaning:
•
Y—Supported
•
NR—Possible, but not recommended. Inefficient use of system resources.
•
NS—Possible, but not supported. Resulting system behavior is not defined.
15.5.1 Unusual DMA Scenarios
The following is a description of unusual DMA paths including explanations of why some
functional blocks cannot serve as DMA targets. The following topics are addressed:
•
Transaction initiators (masters)
•
DMA targets, that is, data sources or destinations
•
Transparency of the bus controllers to DMA transactions
•
What is useful as opposed to what is possible. For example, any register can be addressed
through an internal control bus, which means configuration and control registers can be
DMA targets.
15.5.1.1 DMA to e500 Core
The L1 cache cannot be a direct DMA target because it cannot be directly addressed by software.
However, DMA access into the L1 cache occurs indirectly if a block of memory that is cached in
the L1 is specified as the DMA target. This effect is deterministic if the target memory block was
locked into the L1 with cache locking instructions.
Table 15-24. DMA Paths
DMA
Controllers
On-Chip Targets
Off-Chip Targets
L2
Configuration
Registers1
1 Includes I2C data register.
DDR
Local
Bus
PCI/
PCI-X
RapidIO
DUART
FIFO
Ethernet
Buffers
On-chip
Ethernet2
2 Captive resource. Not available to external masters.
YNS
Y
Y
Y
Y
Y
Y
4 Channel3
3 Can serve external masters.
YNR
Y
Y
Y
Y
Y
NS
Off-chip
PCI-X Controller
YNS
Y
Y
—
Y
Y
Y
RapidIO Controller
YNS
Y
Y
Y
—
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com