Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 823 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 823 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 819Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 820Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 821Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 822Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 823Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 824Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 825Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 826Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 827Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 823 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-1
Chapter 16
PCI/PCI-X Bus Interface
The MPC8540 PCI/PCI-X interface complies with the PCI Local Bus Specification, Rev. 2.2 and
the PCI-X Addendum to the PCI Local Bus Specification, Rev. 1.0a. It is beyond the scope of this
manual to document the intricacies of the PCI and PCI-X buses. This chapter describes the
PCI/PCI-X controller (referenced as PCI/X throughout this chapter) of this device and provides a
basic description of the PCI and PCI-X bus operations. The specific emphasis is directed at how
the MPC8540 implements the PCI and PCI-X buses. Designers of systems incorporating
PCI/PCI-X devices should refer to the respective specification for a thorough description of the
PCI/PCI-X buses.
NOTE
Much of the available PCI literature refers to a 16-bit quantity as a
WORD and a 32-bit quantity as a DWORD. Note that this is
inconsistent with the terminology in the rest of this manual where the
terms ‘word’ and ‘double word’ refer to a 32-bit and 64-bit quantity
respectively. Where necessary to avoid confusion, the precise number
of bits or bytes is specified.
16.1 Introduction
The PCI/X controller acts as a bridge between the PCI/X interface and the OCeaN switch fabric.
Figure 16-1 is a high-level block diagram of the PCI/X controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com