Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 825 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 825 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 821Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 822Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 823Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 824Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 825Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 826Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 827Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 828Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 829Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 825 / 1302 page
background image
Introduction
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-3
terminates with a disconnect before finishing the transaction. If another PCI device is granted the
PCI bus and requests a burst-read from local memory, the MPC8540, as a target, can accept the
burst-read transfer. When the MPC8540 is granted mastership of the PCI bus, the burst-write
transaction continues.
There are two blocks of memory in the design:
•
The inbound buffers
•
The outbound read buffers combined with the outbound write buffers
There are many blocks of control logic in the block. On the PCI/X side there are machines for
PCI/X controller-initiated address and data tenures for inbound and outbound data, respectively.
On the OCeaN side there are machines for fabric arbitration, outbound data, and inbound data.
As an initiator, the MPC8540 supports read and write operations to the PCI/X memory space, the
PCI/X I/O space, and the 256-byte PCI/X configuration space. As an initiator, the MPC8540 also
supports generating PCI/X special-cycle and interrupt-acknowledge transactions. As a target, the
MPC8540 supports read and write operations to local memory, and, when configured in agent
mode, read and write operations to the internal PCI/X configuration registers.
The MPC8540 can function as either a PCI/X host bridge (host mode) or a peripheral device on
the PCI/X bus (agent mode). See Section 16.1.3.1.1, “Host Mode,” for more information.
In agent mode, all of the PCI/X configuration registers in the MPC8540 can be programmed from
the PCI/X bus. See Section 16.4.2.11.3, “PCI Configuration in Agent and Agent Lock Modes,” for
more information.
The PCI/X interface provides bus arbitration for the MPC8540 and up to five other PCI/X bus
masters. The arbitration algorithm is a programmable two-level, round-robin priority selector. The
on-chip PCI/X arbiter can operate in both host and agent modes or it can be disabled to allow for
an external PCI/X arbiter.
The MPC8540 also provides an address translation mechanism to map inbound PCI/X to OCeaN
accesses and outbound OCeaN to PCI/X accesses.
16.1.1.1 MPC8540 as a PCI/X Initiator
Upon detecting an OCeaN-to-PCI/X transaction, the MPC8540 requests the use of the PCI/X bus.
For OCeaN-to-PCI/X bus write operations, the MPC8540 requests mastership of the PCI/X bus
when the source completes the write operation to the OCeaN. For OCeaN-to-PCI/X read
operations, the MPC8540 requests mastership of the PCI/X bus when it decodes that the access is
for PCI/X address space.
Once granted, the MPC8540 drives the address (PCI_AD[63:0]) and the bus command
(PCI_C/BE[7:0]) signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com