Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 834 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 834 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 830Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 831Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 832Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 833Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 834Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 835Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 836Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 837Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 838Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 834 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-12
Freescale Semiconductor
PCI/PCI-X Bus Interface
PCI_PAR64
I/
O
Upper DWORD parity. The even parity bit that protects the upper 32 bits of data and upper 4 bits
of command/byte enable.
O As outputs for the bidirectional Upper DWORD Parity, these signals operate as described below.
State
Meanin
g
Asserted—Indicates odd parity across the PCI_AD[63:32] and PCI_C/BE[7:4] signals
during address and data phases.
Negated—Indicates even parity across the PCI_AD[63:32] and PCI_C/BE[7:4] signals
during address and data phases.
Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X
Addendum Rev 1.0a
I
As inputs for the bidirectional Upper DWORD Parity, these signals operate as described below.
State
Meanin
g
Asserted—Indicates odd parity driven by another PCI master or the PCI target during
read data phases.
Negated—Indicates even parity driven by another PCI master or the PCI target during
read data phases.
Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X
Addendum Rev 1.0a
PCI_PERR
I/
O
PCI parity error
O As outputs for the bidirectional PCI parity error, these signals operate as described below.
State
Meanin
g
Asserted—Indicates that this PCI controller, acting as a PCI agent, detected a data parity
error. (Driven by the PCI initiator on reads; driven by the PCI target on writes.)
Negated—Indicates no error.
Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X
Addendum Rev 1.0a
I
As inputs for the bidirectional PCI parity error, these signals operate as described below.
State
Meanin
g
Asserted—Indicates that another PCI agent detected a data parity error while this PCI
controller was sourcing data (this PCI controller was acting as the PCI initiator
during a write, or was acting as the PCI target during a read).
Negated—Indicates no error.
Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X
Addendum Rev 1.0a
Note: If a parity error occurs on the last data beat of a PCI-X transaction with inbound
data (outbound read with split completion data or inbound write), the MPC8540 asserts
PERR longer than permitted by the PCI-X specification. This condition may cause a
subsequent transaction to erroneously detect a parity error. The condition may be
remedied by placing a stronger pull-up resistors on the PERR signal. For example:
• 1 Kohm for 133 MHz point-to-point operation
• 2 Kohm for 66 MHz operation
• 4 Kohm for 33 MHz operation.
These values are stronger than the specification allows (5 Kohm minimum for pull-up
resistors).
Table 16-2. PCI Interface Signals—Detailed Signal Descriptions (continued)
Signal
I/
O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com