| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 836 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 836 Page - Freescale Semiconductor, Inc |
|
836 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 16-14 Freescale Semiconductor PCI/PCI-X Bus Interface PCI_STOP I/ O Stop. O As outputs for the bidirectional stop, these signals operate as described below. State Meanin g Asserted—Indicates that this PCI controller, acting as a PCI target, is requesting that the initiator stop the current transaction. Negated—Indicates that the current transaction can continue. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a I As inputs for the bidirectional stop, these signals operate as described below. State Meanin g Asserted—Indicates that a target is requesting that the PCI initiator stop the current transaction. Negated—Indicates that the current transaction can continue. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a PCI_TRDY I/ O Target ready. O As outputs for the bidirectional target ready, these signals operate as described below. State Meanin g Asserted—Indicates that this PCI controller, acting as a PCI target, can complete the current data phase of a PCI transaction. During a read, this PCI controller asserts PCI_TRDY to indicate that valid data is present on PCI_AD[31:0]. During a write, this PCI controller asserts PCI_TRDY to indicate that it is prepared to accept data. Negated—Indicates that the PCI initiator needs to wait before this PCI controller, acting as a PCI target, can complete the current data phase. During a read, this PCI controller negates PCI_TRDY to insert a wait cycle when it cannot provide valid data to the initiator. During a write, this PCI controller negates PCI_TRDY to insert a wait cycle when it cannot accept data from the initiator. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a I As inputs for the bidirectional target ready, these signals operate as described below. State Meanin g Asserted—Another PCI target is able to complete the current data phase of a transaction. Negated—Indicates a wait cycle from another target. Timing Assertion/Negation—As specified by PCI Local Bus Specification Rev 2.2 or by PCI-X Addendum Rev 1.0a Table 16-2. PCI Interface Signals—Detailed Signal Descriptions (continued) Signal I/ O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |