Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 838 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 838 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 834Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 835Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 836Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 837Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 838Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 839Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 840Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 841Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 842Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 838 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-16
Freescale Semiconductor
PCI/PCI-X Bus Interface
0x0_8C20–0x0_8C3C—Outbound Window 1
0x0_8C20
POTAR1—PCI/X outbound window 1 translation address
register
R/W
0x0000_0000
16.3.1.2.1/16-21
0x0_8C24
POTEAR1—PCI/X outbound window 1 translation extended
address register
R/W
0x0000_0000
16.3.1.2.2/16-21
0x0_8C28
POWBAR1—PCI/X outbound window 1 base address
register
R/W
0x0000_0000
16.3.1.2.3/16-22
0x0_8C2C
Reserved
—
—
0x0_8C30
POWAR1—PCI/X outbound window 1 attributes register
R/W
0x0000_0000
16.3.1.2.4/16-22
0x0_8C34–
0x0_8C3C
Reserved
—
—
0x0_8C40–0x0_8C5C—Outbound Window 2
0x0_8C40
POTAR2—PCI/X outbound window 2 translation address
register
R/W
0x0000_0000
16.3.1.2.1/16-21
0x0_8C44
POTEAR2—PCI/X outbound window 2 translation extended
address register
R/W
0x0000_0000
16.3.1.2.2/16-21
0x0_8C48
POWBAR2—PCI/X outbound window 2 base address
register
R/W
0x0000_0000
16.3.1.2.3/16-22
0x0_8C4C
Reserved
—
—
0x0_8C50
POWAR2—PCI/X outbound window 2 attributes register
R/W
0x0000_0000
16.3.1.2.4/16-22
0x0_8C54–
0x0_8C5C
Reserved
—
—
0x0_8C60–0x0_8C7C—Outbound Window 3
0x0_8C60
POTAR3—PCI/X outbound window 3 translation address
register
R/W
0x0000_0000
16.3.1.2.1/16-21
0x0_8C64
POTEAR3—PCI/X outbound window 3 translation extended
address register
R/W
0x0000_0000
16.3.1.2.2/16-21
0x0_8C68
POWBAR3—PCI/X outbound window 3 base address
register
R/W
0x0000_0000
16.3.1.2.3/16-22
0x0_8C6C
Reserved
—
—
0x0_8C70
POWAR3—PCI/X outbound window 3 attributes register
R/W
0x0000_0000
16.3.1.2.4/16-22
0x0_8C74–
0x0_8C7C
Reserved
—
—
0x0_8C80–0x0_8C9C—Outbound Window 4
0x0_8C80
POTAR4—PCI/X outbound window 4 translation address
register
R/W
0x0000_0000
16.3.1.2.1/16-21
0x0_8C84
POTEAR4—PCI/X outbound window 4 translation extended
address register
R/W
0x0000_0000
16.3.1.2.2/16-21
Table 16-3. PCI/X Memory-Mapped Register Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com