Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 948 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 948 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 944Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 945Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 946Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 947Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 948Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 949Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 950Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 951Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 952Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 948 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-24
Freescale Semiconductor
RapidIO Interface
17.3.1.11 Processing Element Logic Layer Control Command and Status
Register (PELLCCSR)
The PELLCCSR, shown in Figure 17-13, is a read-only register. Additional details of this register
can be found in the Parallel RapidIO Interconnect Specification.
Table 17-17 describes the fields of the PELLCCSR.
17.3.1.12 Local Configuration Space Base Address 1 Command and Status
Register (LCSBA1CSR)
The local configuration space base address 1 command and status register (LCSBA1CSR), shown
in Figure 17-14, contains the 14 msbs of the double-word address, which represents the base
address for the device’s register space.
29
PE
Port-write unit error
0 Received port-write packet contains no errors, for example, data is of legal size (64 bytes or less)
1 Received port-write packet contains fatal errors, for example, data is of illegal size (greater than 64
bytes). All incoming port-write transactions are discarded.
30–31
—
Reserved
0
28 29
31
R 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
EAC
W
Reset
0000_0000_0000_0000_0000_0000_0000_0001
Offset
0xC_004C
Figure 17-13. Processing Element Logic Layer Control Command and Status Register
(PELLCCSR)
Table 17-17. PELLCCSR Field Descriptions
Bits
Name
Description
0–28
—
Reserved
29–31
EAC
Extended addressing control. The RapidIO controller supports 34-bit addresses (read-only).
Table 17-16. PWDCSR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com