Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 947 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 947 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 943Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 944Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 945Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 946Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 947Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 948Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 949Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 950Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 951Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 947 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-23
Table 17-16 describes the fields of the PWDCSR.
:
0
1
2
3
4
5
6
23
24
25
26
2728 2930 31
R A FU EM B FA ERR 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
PA PFU PEM PB 0 PE 0 0
W
Reset
0000_0000_0000_0000_0000_0000_0010_0000
Offset
0xC_0044
Figure 17-12. Port-Write and Doorbell Command and Status Register (PWDCSR)
Table 17-16. PWDCSR Field Descriptions
Bits
Name
Description
0
A
Available
0 Doorbell unit is not ready to accept doorbell messages. All incoming doorbell transactions return
error responses.
1 Doorbell unit is ready to accept doorbell messages
1FU
Full
0 Doorbell unit is not full
1 Doorbell unit is full. New doorbell messages are retried.
2EM
Empty
0 Doorbell unit has outstanding doorbell messages
1 Doorbell unit has no outstanding doorbell messages
3B
Busy
0 Doorbell unit is not busy processing a doorbell message
1 Doorbell unit is busy processing a doorbell message. Incoming transactions are retried.
4
FA
Failure. (Defined by the RapidIO specification but not implemented in the MPC8540.)
0 Doorbell unit has not encountered an internal error
1 Doorbell unit has encountered an internal error
5ERR
Error
0 Doorbell unit has not encountered an error condition
1 Doorbell unit encountered an error condition. Incoming doorbell transactions return error responses.
6–23
—
Reserved
24
PA
Port-write unit available
0 Port-write unit is not available. All incoming port-write packets are discarded.
1 Port-write unit is initialized and ready to accept a port-write packet
25
PFU
Port-write unit full
0 Port-write unit is not full
1 Port-write unit is full. All incoming port-write packets are discarded.
26
PEM
Port-write unit empty
0 Port-write unit contains outstanding port-write data
1 Port-write unit contains no outstanding port-write data
27
PB
Port-write unit busy
0 Port-write unit is not busy
1 Port-write unit is busy processing a port-write packet. Incoming port-write packets are discarded.
28
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com