Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 950 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 950 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 946Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 947Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 948Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 949Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 950Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 951Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 952Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 953Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 954Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 950 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-26
Freescale Semiconductor
RapidIO Interface
17.3.1.14 Host Base Device ID Lock Command and Status Register
(HBDIDLCSR)
The host base device ID lock CSR, shown in Figure 17-16, contains the base device ID value for
the processing element in the system that is responsible for initializing this processing element.
HBDID is a write-once/resettable field that provides a lock function. After HBDID is written,
subsequent writes to the field are ignored, except when the written value matches the value
contained in the field. In this case, the register is reinitialized to 0xFFFF. After HBDID is written,
a processing element must then read the host base device ID lock CSR to verify that it owns the
lock before attempting to initialize this processing element.
Table 17-20 describes the fields of the HBDIDLCSR.
17.3.1.15 Component Tag Command and Status Register (CTCSR)
The CTCSR contains a component tag value for the RapidIO block and can be assigned by
software when the device is initialized. Figure 17-17 shows the CTCSR.
015 16
31
R 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
HBDID
W
Reset
0000_0000_0000_0000_1111_1111_1111_1111
Offset
0xC_0068
Figure 17-16. Host Base Device ID Lock Command and Status Register (HBDIDLCSR)
Table 17-20. HBDIDLCSR Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31
HBDID Host base device ID. This is the base device ID for the processing element that is initializing this
processing element. When unlocked, this field is write-able and locks immediately after being written.
When locked, this field is only write-able when written with the value it already contains, at which point
it becomes unlocked.
0
31
R
CT
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xC_006C
Figure 17-17. Component Tag Command and Status Register (CTCSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com